Part Number Hot Search : 
MBR8100 C18F25 D45D4 LD5000R PA1007 BA541 U5021M05 LM336BAP
Product Description
Full Text Search
 

To Download SB22-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB22-A THRU SB26-A
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE:20 TO 60V CURRENT: 2.0A
FEATURE
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Low profile package Built-in strain relief Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage high frequency inverters, free wheeling, and polarity protection applications Guard ring for over voltage protection High temperature soldering guaranteed: 250C /10 seconds at terminals
SMA/DO--214AC
MECHANICAL DATA
Case: JEDEC SMA/DO-214AC molded plastic body Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Weight: 0.002 ounce, 0.064 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at TL =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward current (Note 1) Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Operating junction temperature range Storage Temperature range Ta =25C Ta =100C (Note 2) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(ja) Tj Tstg 0.5 0.5 20.0 75.0 -55 to +125 -55 to +150 10.0 SB 22-A 20 14 20 SB 23-A 30 21 30 SB 24-A 40 28 40 2.0 50.0 0.7 SB 25-A 50 35 50 SB 26-A 60 42 60 units V V V A A V mA
C /W
C C
NOTE: (1) Pulse test: 300s pulse width, 1% duty cycle (2) P.C.B. mounted with 0.2 x 0.2inches(5.0 x 5.0mm) copper pad areas
Rev.A6
www.gulfsemi.com.cn
RATINGS AND CHARACTERISTIC CURVES SB22-A THRU SB26-A
1
Rev.A6
www.gulfsemi.com.cn


▲Up To Search▲   

 
Price & Availability of SB22-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X